| Moteur de recherche de fiches techniques de composants électroniques |
|
ST13003-K Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST13003-K Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() This is information on a product in full production. June 2013 DocID13533 Rev 5 1/10 ST13003, ST13003-K High voltage fast-switching NPN power transistor Datasheet - production data Figure 1. Internal schematic diagram Features • High voltage capability • Low spread of dynamic parameters • Very high switching speed Applications • Electronic ballast for fluorescent lighting (CFL) • SMPS for battery charger Description The device is manufactured using high voltage multi-epitaxial planar technology for high switching speeds and high voltage capability. It uses a cellular emitter structure with planar edge termination to enhance switching speeds while maintaining the wide RBSOA. SOT-32 1 2 3 E(1) B(3) C(2) SC06960r Table 1. Device summary Part number Marking Package Packaging ST13003 13003 SOT-32 Tube ST13003-K 13003 SOT-32 Bag www.st.com |
Numéro de pièce similaire - ST13003-K |
|
Description similaire - ST13003-K |