Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STI1010 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STI1010
Description  Single-chip worldwide iDTV processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI1010 Fiches technique(HTML) 3 Page - STMicroelectronics

  STI1010 Datasheet HTML 1Page - STMicroelectronics STI1010 Datasheet HTML 2Page - STMicroelectronics STI1010 Datasheet HTML 3Page - STMicroelectronics STI1010 Datasheet HTML 4Page - STMicroelectronics STI1010 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STi1010
Description
3/5
Figure 1.
US basic FPD iDTV
Figure 2.
European basic FPD iDTV
STi101x
I²S
SPDIF out
(x4)
Keyboard
IR
(a
na
log
re
ad
ing
)
Serial link
E²PROM
I²C
(UART)
SPDIF out
CableCard Interface
Analog Inputs
Y/Pr/Pb
CVBSY/C
L/R
L/R
CVBSY/C
L/R
LVDS link
TUNER
Video
Matrix
STV037x
RGB/YPrPb
CVBS,Y/C out
CVBS/YC in
TSin
CVBS
STV6415
HDMI
E²PROM
SIF
STV83x8
input
SIF
Analog Outputs
L,R inputs
L,R output
CVBS
CVBS/YC
CVBS/YC
USB 2.0
CVBS/YC
VGA
RGB
PIF and SIF
Video
Matrix
STV036x
STi101x
Analog Sources
RGB/YPrPb
CVBS,Y/C out
CVBS/YC
I²S
SPDIF out
Common Interface
(x4)
TSin
Keyboard
IR
(a
na
lo
g
re
ad
in
g)
SPDIF out
LVDS link
Y/Pr/Pb
STV83x7
Serial link
(UART)
USB 2.0
E²PROM
I²C
HDMI
input
SIF
CVBS
CVBS
E²PROM
VGA
RGB
L,R inputs
L,R output
TUNER
PIF and SIF
STV6402



Html Pages

1 2 3 4 5