| Moteur de recherche de fiches techniques de composants électroniques |
|
PIDG Fiches technique(PDF) 8 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
PIDG Fiches technique(HTML) 8 Page - TE Connectivity Ltd |
|
8 / 12 page ![]() AUTOMATION & CONTROL /// PIDG TERMINALS & SPLICES TE Connectivity PIDG Terminals & Splices Knife Disconnects Manual Hand Tools Die Sets for Powered Tools (See Note 1 for Powered Tool Options) Wire Size Tab Thickness Standard Part Number Width (W) Length (L) Color Max. Wire Insulation Dia. Also available in 8 Re- marks Certi- Crimp Hand Tool UL Apvd Mil-Spec Certified Hand Tool Pro- Crimper (SDE) Hand Tool SDE Die Set (Premium) UL Apvd SDE Die Set (Commercial) AWG mm2 U.S. mm inch mm inch mm inch mm Tape & Reel Small Pack 22 - 16 0,26-1,65 n.a. 320555 .203 5,16 .878 22,3 ● .125 3,18 ✔ 47386 59250 58433-3 2063030-1 58423-1 n.a. 32446 .203 5,16 .878 22,3 ● .140 3,56 ✔ ✔ 47386 59250 58433-3 2063030-1 58423-1 16 - 14 1,04-2,62 n.a. 32448 .203 5,16 .878 22,3 ● .170 4,32 ✔ 47387 59250 58433-3 2063030-1 58423-1 12 - 10 2,62-6,64 n.a. 35762 .281 7,14 1.260 32 ● .250 6,35 ✔ 59239-4 58433-3 2063030-1 58423-1 Wire Pins (formed) 26-22 0,12-0,41 n.a 165514-1 .045 1,14 .716 18,20 ● .83 2,11 ✔ 47386 58433-3 2063030-1 58423-1 22-16 0,26-1,65 n.a. 165142 .071 1,80 .795 20,20 ● .142 3,60 ✔ 47386 59250 58433-3 2063030-1 58423-1 165168 .071 1,80 .913 23,20 ● .142 3,60 ✔ 47386 59250 58433-3 2063030-1 58423-1 16-14 1,04-2,62 n.a. 165046 .071 1,80 .800 20,30 ● .170 4,30 ✔ 47387 59250 58433-3 2063030-1 58423-1 165172 .071 1,80 .929 23,60 ● .170 4,30 ✔ 47387 59250 58433-3 2063030-1 58423-1 12-10 2,62-6,64 n.a. 165049 .102 2,60 1.146 29,10 ● .248 6,30 ✔ 59239-4 58433-3 2063030-1 58423-1 160404-2 .138 3,50 1.319 33,50 ● .248 6,30 ✔ 3 59239-4 58433-3 2063030-1 58423-1 L W L W Wire Pins (flat) 22-16 0,26-1,65 n.a. 131331 .116 2,95 .905 23,00 ● .142 3,60 ✔ 2 47386 59250 58433-3 2063030-1 58423-1 16-14 1,04-2,62 n.a. 131330 .115 2,92 .891 22,63 ● .170 4,30 ✔ 2 47387 59250 58433-3 2063030-1 58423-1 12-10 2,62-6,64 n.a. 131332 1.614 4,10 1.150 29,20 ● .252 6,40 59239-4 58433-3 2063030-1 58423-1 L W |