Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM79L05ACTL/NOPB.B Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce LM79L05ACTL/NOPB.B
Description  LM79LXXAC Series 3-Terminal Negative Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LM79L05ACTL/NOPB.B Fiches technique(HTML) 13 Page - Texas Instruments

Back Button LM79L05ACTL/NOPB.B Datasheet HTML 9Page - Texas Instruments LM79L05ACTL/NOPB.B Datasheet HTML 10Page - Texas Instruments LM79L05ACTL/NOPB.B Datasheet HTML 11Page - Texas Instruments LM79L05ACTL/NOPB.B Datasheet HTML 12Page - Texas Instruments LM79L05ACTL/NOPB.B Datasheet HTML 13Page - Texas Instruments LM79L05ACTL/NOPB.B Datasheet HTML 14Page - Texas Instruments LM79L05ACTL/NOPB.B Datasheet HTML 15Page - Texas Instruments LM79L05ACTL/NOPB.B Datasheet HTML 16Page - Texas Instruments LM79L05ACTL/NOPB.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM79L05ACMX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LM79L05ACTL/NOPB
DSBGA
YZR
6
250
208.0
191.0
35.0
LM79L05ACTLX/NOPB
DSBGA
YZR
6
3000
208.0
191.0
35.0
LM79L12ACMX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LM79L15ACMX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22