Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSM Fiches technique(PDF) 3 Page - TT Electronics.

No de pièce PSM
Description  Miniature Slide Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PSM Fiches technique(HTML) 3 Page - TT Electronics.

  PSM Datasheet HTML 1Page - TT Electronics. PSM Datasheet HTML 2Page - TT Electronics. PSM Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Miniature Slide Potentiometer
PSM Series
© TT electronics plc
Issue C 12/2021
Page 3
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com/bi-technologies
Outline Drawings
OBSOLETE



Html Pages

1 2 3