Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSL2 Fiches technique(PDF) 4 Page - TT Electronics.

No de pièce PSL2
Description  Slide Potentiometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PSL2 Fiches technique(HTML) 4 Page - TT Electronics.

  PSL2 Datasheet HTML 1Page - TT Electronics. PSL2 Datasheet HTML 2Page - TT Electronics. PSL2 Datasheet HTML 3Page - TT Electronics. PSL2 Datasheet HTML 4Page - TT Electronics. PSL2 Datasheet HTML 5Page - TT Electronics. PSL2 Datasheet HTML 6Page - TT Electronics. PSL2 Datasheet HTML 7Page - TT Electronics. PSL2 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Slide Potentiometer
PSL2
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Document #: ________________
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com/bi-technologies
Rev - 06/2019 Page 4
Outline Drawings
Lever Table
Lever Style
A
B
C
D
01 - 20(10)
02 - 15(10)(3.8)
03 - 20(10)(3.8)
04 - 8
05 - 11.5
06 - 14
07 - 10
08 - 15
09 - 20
Order Code -L(F)(H)
Units: mm
PSL2 Series Circuit Diagram
1 Track
2 Track
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8