| Moteur de recherche de fiches techniques de composants électroniques |
|
LM3450MT/NOPB Fiches technique(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM3450MT/NOPB Fiches technique(HTML) 27 Page - Texas Instruments |
|
27 / 42 page ![]() ZCD GATE LM3450 VCC GND COMP FB HOLD VAC VADJ CS DIM FLT2 FLT1 ISEN PWM VREF BIAS IADJ EN CSN LM3409HV UVLO VCC COFF GND CSP PGATE DAP VIN VOUT PWM VOP1 VOP2 RETURN RETURN VLED LMV431 OPTO1 OPTO2 VOP2 VOP1 VCC VOUT EMI FILTER CONTROL FEEDBACK SECONDARY LED DRIVER DIMMING AC MAINS LED LOAD Q1 Q2 D1 D2 D3 D5 C1 C2 C4 C5 C6 C7 C8 D7 D6 C9 D8 C10 C12 C13 C14 C15 D9 C16 L1 L2 T1 R1 R2 R3 R5 R6 R8 R9 R11 R12 R13 R14 R15 R16 R17 R18 R19 R20 R21 R22 R23 R24 R25 C17 C18 C19 C21 C22 C20 D16 D13 D14 D15 D11 D12 Q5 L4 Q3 Q4 R28 HOLD VLED R27 D10 C11 L3 VCC VADJ COMP BIAS D18 D17 R7 Q6 R10 SOFTSTART C3 D4 R4 AUX AUX LM3450 www.ti.com SNVS681D – NOVEMBER 2010 – REVISED MAY 2013 Applications Information See AN-2098 (literature number SNVA463) and/or AN-2150 (literature number SNVA485) for detailed design and application information. TWO STAGE LED DRIVER – LM3450 PRIMARY AND LM3409HV SECONDARY Copyright © 2010–2013, Texas Instruments Incorporated Submit Documentation Feedback 27 Product Folder Links: LM3450 |