| Moteur de recherche de fiches techniques de composants électroniques |
|
CSD87313DMS Fiches technique(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CSD87313DMS Fiches technique(HTML) 10 Page - Texas Instruments |
|
10 / 15 page ![]() 0.05 MIN ALL AROUND 0.05 MAX ALL AROUND 4222980/A 05/2016 SOLDER MASK OPENING METAL NON-SOLDER MASK DEFINED METAL UNDER SOLDER MASK SOLDER MASK OPENING SOLDER MASK DEFINED 0.05 MIN ALL AROUND 4X (1.14) 4X (0.32) 3X (0.65) 2X (1.66) 4X (0.32) 4X (0.4) (1.28) (R0.05) TYP 2X (0.65) (1.28) (0.415) (1.195) (0.04) TYP (1.2) TYP ( 0.2) TYP (0.805) 2X (0.62) PKG PKG SYMM METAL UNDER SOLDER MASK TYP SOLDER MASK OPENING TYP 1 4 5 8 SEE DETAILS 10 CSD87313DMS SLPS642 – APRIL 2017 www.ti.com Product Folder Links: CSD87313DMS Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated 7.2 Recommended PCB Pattern (1) This package is designed to be soldered to a thermal pad on the board. For more information, see QFN/SON PCB Attachment (SLUA271). (2) Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown on this view. It is recommended that vias under paste be filled, plugged or tented. |