| Moteur de recherche de fiches techniques de composants électroniques |
|
MS27508 Fiches technique(PDF) 1 Page - Conesys Inc |
|
|
|||||||||||||||||||||||||||||
MS27508 Fiches technique(HTML) 1 Page - Conesys Inc |
|
|
1 / 1 page ![]() 27 www.conesys.com sales@aero-electric.com – – MS27508 Rear, Box Mount Receptacle AE208 Bayonet Coupling, Crimp Removable, Rear Release, Low Profile/Light Weight Page 24 Completed Part Number Page 37 Contacts, Sealing Plugs and Tools Pages 41–43 Insert Arrangements Page 23 Performance Specifications Pages 39, 40 Insert Availability and Contact Information Page 35 Polarization Note: See page 36 for panel thickness. .058(1.47) 4x C MASTER KEYWAY BLUE COLOR BAND .317(8.05) .322(8.18) F MAX F MAX E H MAX GROMMET .060(1.52) MAX GROMMET EXTENSION .442(11.23) .447(11.35) B A MAX .757(19.23) MAX .250(6.35) MAX .069(1.75) 4 MINOR KEYWAYS Shell Size A B Ø C Ø E Ø F Ø H +.010 +.25 Maximum (TP) -.005 -.13 ±.003 ±.08 Maximum Maximum inch mm inch mm inch mm inch mm inch mm inch mm 8 .828 21.03 .594 15.09 .120 3.05 .471 11.96 .547 13.89 .299 7.59 10 .954 24.23 .719 18.26 .120 3.05 .588 14.94 .672 17.07 .427 10.85 12 1.047 26.59 .812 20.62 .120 3.05 .748 19.00 .844 21.44 .541 13.74 14 1.141 28.98 .906 23.01 .120 3.05 .873 22.17 .969 24.61 .666 16.92 16 1.234 31.34 .969 24.61 .120 3.05 .998 25.35 1.094 27.79 .791 20.09 18 1.328 33.73 1.062 26.97 .120 3.05 1.123 28.52 1.219 30.96 .897 22.78 20 1.453 36.91 1.156 29.36 .120 3.05 1.248 31.70 1.344 34.14 1.022 25.96 22 1.578 40.08 1.250 31.75 .120 3.05 1.373 34.87 1.469 37.31 1.147 29.13 24 1.703 43.26 1.375 34.93 .147 3.73 1.498 38.05 1.594 40.49 1.272 32.31 |
Numéro de pièce similaire - MS27508 |
|
Description similaire - MS27508 |