Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74ACT574M Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce CD74ACT574M
Description  CDx4AC574, CDx4ACT574 Octal D-Type Flip-Flop, 3-State Positive-Edge-Triggered
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT574M Fiches technique(HTML) 10 Page - Texas Instruments

Back Button CD74ACT574M Datasheet HTML 6Page - Texas Instruments CD74ACT574M Datasheet HTML 7Page - Texas Instruments CD74ACT574M Datasheet HTML 8Page - Texas Instruments CD74ACT574M Datasheet HTML 9Page - Texas Instruments CD74ACT574M Datasheet HTML 10Page - Texas Instruments CD74ACT574M Datasheet HTML 11Page - Texas Instruments CD74ACT574M Datasheet HTML 12Page - Texas Instruments CD74ACT574M Datasheet HTML 13Page - Texas Instruments CD74ACT574M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Figure 5-3. Propagation Delays Times and Test Circuit.
CD54/74AC
CD54/74ACT
Input Level
VCC
3 V
Input Switching Voltage, VS
0 5 VCC
1.5 V
Output Switching Voltage, VS
0.5 VCC
0 5 VCC
CD54AC574, CD74AC574, CD54ACT574, CD74ACT574
SCHS292A – DECEMBER 1998 – REVISED MAY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC574 CD74AC574 CD54ACT574 CD74ACT574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15