| Moteur de recherche de fiches techniques de composants électroniques |
|
CC1070-RTR1 Fiches technique(PDF) 53 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1070-RTR1 Fiches technique(HTML) 53 Page - Texas Instruments |
|
53 / 57 page ![]() CC1070 SWRS043A Page 53 of 54 26 Ordering Information Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead Finish MSL Peak Temp (3) CC1070RSQ NRND QFN RSQ 20 490 Green (RoHS & no Sb/Br) Matte Tin LEVEL3-260C 1 YEAR CC1070RSQR NRND QFN RSQ 20 5000 Green (RoHS & no Sb/Br) Matte Tin LEVEL3-260C 1 YEAR CC1070RGWT Active QFN RGW 20 250 Green (RoHS & no Sb/Br) Cu NiPdAu LEVEL3-260C 1 YEAR CC1070RGWR Active QFN RGW 20 3000 Green (RoHS & no Sb/Br) Cu NiPdAu LEVEL3-260C 1 YEAR Orderable Evaluation Module Description Minimum Order Quantity CC1020_1070DK-433 CC1020/1070 Development Kit, 433 MHz 1 CC1020_1070DK-868/915 CC1020/1070 Development Kit, 868/915 MHz 1 |