| Moteur de recherche de fiches techniques de composants électroniques |
|
20008077 Fiches technique(PDF) 10 Page - Phoenix Mecano S.E. Asia Pte Ltd |
|
|
|||||||||||||||||||||||||||||
20008077 Fiches technique(HTML) 10 Page - Phoenix Mecano S.E. Asia Pte Ltd |
|
10 / 22 page ![]() Cable glands Pg cable glands MZI, polyamide, light grey, flat design for internal assembly, IP 65 Model Order no. Note MZI 9 12060200 Pg 13.5; cable diameter 6-8 mm Pg plug-in cable glands PST, polyamide, light grey, IP 65 Model Order no. Note PST 13 IP 12060600 Pg 13.5; cable diameter 10-12 mm PST 16 IP 12060700 Pg 16; cable diameter 12-14 mm Pg twisting nipples WN, polyethylene, light grey Model Order no. Note WN 9 52020100 Pg 9 WN 11 52020200 Pg 11 WN 13 52020300 Pg 13.5 WN 16 52020400 Pg 16 WN 21 52020500* Pg 21 WN 29 52020600* Pg 29 Notes: Max. IP 54 with correct installation. Metric designs on request. Metrische Würgenippel MWN, Polyäthylen lichtgrau Model Order no. Note MWN 12 52060100 M12 x 1,5 MWN 16 52060200 M16 x 1.5 MWN 20 52060300 M20 x 1.5 MWN 25 52060400* M25 x 1.5 MWN 32 52060500* M32 x 1.5 MWN 40 52060600* M40 x 1.5 Pg blind plugs BL, IP 54, polyamide, light grey Model Order no. Note BL 7 52010000 Pg 7 BL 9 52010100 Pg 9 BL 11 52010200 Pg 11 BL 13 52010300 Pg 13.5 BL 16 52010400 Pg 16 BL 21 52010500 Pg 21 BL 29 52010600 Pg 29 BL 36 52010700* Pg 36 Notes: For increased protection up to IP 65, fit sealing ring DR to connection thread. 9 |