Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TO92 Fiches technique(PDF) 2 Page - Zetex Semiconductors

No de pièce TO92
Description  Through hole, 3 pin package Package outline
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

TO92 Fiches technique(HTML) 2 Page - Zetex Semiconductors

  TO92 Datasheet HTML 1Page - Zetex Semiconductors TO92 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Package information - TO92
Issue 2 - March 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or
reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned.
The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Tape and reel information
Part no. suffixed STOB = 1,500 devices on reel
Part no. suffixed STZ = 1,500 devices per folded box
Flat Face
Rounded Face
Option B
Option A



Html Pages

1 2