Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM48821 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce LM48821
Description  LM48821 Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LM48821 Fiches technique(HTML) 3 Page - Texas Instruments

  LM48821 Datasheet HTML 1Page - Texas Instruments LM48821 Datasheet HTML 2Page - Texas Instruments LM48821 Datasheet HTML 3Page - Texas Instruments LM48821 Datasheet HTML 4Page - Texas Instruments LM48821 Datasheet HTML 5Page - Texas Instruments LM48821 Datasheet HTML 6Page - Texas Instruments LM48821 Datasheet HTML 7Page - Texas Instruments LM48821 Datasheet HTML 8Page - Texas Instruments LM48821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM48821, LM48821TLEVAL
www.ti.com
SNAS354A – JUNE 2007 – REVISED MAY 2013
PIN DESCRIPTIONS
Pin Designator
Pin Name
Pin Function
A1
SVDD
Signal power supply input
A2
SGND
Signal ground
A3
IN A+
Left non-inverting input
A4
IN A-
Left inverting input
B1
VOA
Left output
B2
VOB
Right output
B3
IN B+
Right non-inverting input
B4
IN B-
Right inverting input
C1
VSS
DC to DC converter output
C2
SCL
I2C serial clock input
C3
SDA
I2C serial data input
C4
I2CVDD
I2C supply voltage input
D1
CCP-
DC to DC converter flying capacitor inverting input
D2
PGND
Power ground
D3
CCP+
DC to DC converter flying capacitor non-inverting input
D4
PVDD
DC to DC converter power supply input
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48821 LM48821TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23