Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3553 Fiches technique(PDF) 22 Page - Texas Instruments

No de pièce LM3553
Description  LM3553 1.2A Dual Flash LED Driver System with I2C Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LM3553 Fiches technique(HTML) 22 Page - Texas Instruments

Back Button LM3553 Datasheet HTML 17Page - Texas Instruments LM3553 Datasheet HTML 18Page - Texas Instruments LM3553 Datasheet HTML 19Page - Texas Instruments LM3553 Datasheet HTML 20Page - Texas Instruments LM3553 Datasheet HTML 21Page - Texas Instruments LM3553 Datasheet HTML 22Page - Texas Instruments LM3553 Datasheet HTML 23Page - Texas Instruments LM3553 Datasheet HTML 24Page - Texas Instruments LM3553 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
13-May-2024
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM3553SD/NOPB
WSON
DQB
12
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LM3553SDX/NOPB
WSON
DQB
12
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25