| Moteur de recherche de fiches techniques de composants électroniques |
|
LM397MF/NOPB.B Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM397MF/NOPB.B Fiches technique(HTML) 4 Page - Texas Instruments |
|
4 / 19 page ![]() 4 LM397 SNOS977F – MAY 2001 – REVISED MAY 2016 www.ti.com Product Folder Links: LM397 Submit Documentation Feedback Copyright © 2001–2016, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications. (3) The maximum power dissipation is a function of TJ(MAX), RθJA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(MAX) – TA)/ RθJA . All numbers apply for packages soldered directly onto a PCB. 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) (2) MIN MAX UNIT VIN differential 30 30 V Supply voltages ±15 30 V Voltage at input pins −0.3 30 V Junction temperature(3) 150 ºC Soldering information Infrared or Convection (20 sec.) 235 ºC Wave Soldering (10 sec.) 260 ºC Storage Temperature, Tstg −65 150 ºC (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of JEDEC) Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC). 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2) ±2000 V Machine Model(1)(2) ±200 (1) The maximum power dissipation is a function of TJ(MAX), RθJA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(MAX) – TA)/ RθJA . All numbers apply for packages soldered directly onto a PCB. 6.3 Recommended Operating Conditions MIN MAX UNIT Supply voltage, VS 5 30 V Temperature(1) −40 85 °C (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. (2) The maximum power dissipation is a function of TJ(MAX), RθJA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(MAX) – TA)/ RθJA . All numbers apply for packages soldered directly onto a PCB. 6.4 Thermal Information THERMAL METRIC(1) LM397 UNIT DBV (SOT-23) 5 PINS RθJA Junction-to-ambient thermal resistance(2) 186 °C/W RθJC(top) Junction-to-case (top) thermal resistance 92.8 °C/W RθJB Junction-to-board thermal resistance 38.9 °C/W ψJT Junction-to-top characterization parameter 5.6 °C/W ψJB Junction-to-board characterization parameter 38.4 °C/W |