Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM140LAH-5.0 Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce LM140LAH-5.0
Description  LM140L/LM340L Series 3-Terminal Positive Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LM140LAH-5.0 Fiches technique(HTML) 13 Page - Texas Instruments

Back Button LM140LAH-5.0 Datasheet HTML 7Page - Texas Instruments LM140LAH-5.0 Datasheet HTML 8Page - Texas Instruments LM140LAH-5.0 Datasheet HTML 9Page - Texas Instruments LM140LAH-5.0 Datasheet HTML 10Page - Texas Instruments LM140LAH-5.0 Datasheet HTML 11Page - Texas Instruments LM140LAH-5.0 Datasheet HTML 12Page - Texas Instruments LM140LAH-5.0 Datasheet HTML 13Page - Texas Instruments LM140LAH-5.0 Datasheet HTML 14Page - Texas Instruments LM140LAH-5.0 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.ti.com
TAPE SPECIFICATIONS
19.0
17.5
13.7
11.7
11.0
8.5
0.5 MIN
3.7-4.3 TYP
9.75
8.50
2.9
2.4
TYP
6.75
5.95
13.0
12.4
(2.5) TYP
16.5
15.5
32
23
4215214/C 04/2025
TO-92 - 5.34 mm max height
LP0003A
TO-92
FOR FORMED LEAD OPTION PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15