| Moteur de recherche de fiches techniques de composants électroniques |
|
DX513V3 Fiches technique(PDF) 1 Page - Synology Inc. |
|
|
|||||||||||||||||||||||||||||
DX513V3 Fiches technique(HTML) 1 Page - Synology Inc. |
|
1 / 2 page ![]() Expansion Unit DX513 Volume Expansion & Backup When running out of hard drive capacity on the Synology DiskStation, Synology DX513 provides an easy way to immediately scale capacity by an additional 5 hard drives. The RAID volume on the Synology DiskStation can be expanded directly without having to reformat the existing hard drives, ensuring the Synology DiskStation can seamlessly expand capacity without any downtime. Synology DX513 can be used as a dedicated local backup solution for the Synology DiskStation. When created as a separate volume, the Synology DX513 provides a great backup solution to its local hard disks in case of system failure. Reliable Plug-n-use Design The Synology DX513 is connected to the Synology DiskStation using an expansion cable with custom-designed connectors on both ends, ensuring a reliable connection. The convenient hot-swappable design ensures simple and quick hard drive installation and recovery in the event of failure or when additional drives are to be installed. Green & Easy to Manage Deep Sleep can be manually configured to take effect automatically when the system has been inactive for a period of time. This not only saves energy but also extends the lifespan of the hard disk. The DX513 will also smartly power on/off with the attached DiskStation, so no user intervention is needed to keep this system running smartly and efficiently. ● Online Volume Expansion ● Dedicated Local Backup Solution ● Reliable Plug-n-use Design ● Hot-swappable HDD Design ● Auto power on/off with DiskStation Models Highlights Synology® DX513 delivers an effortless solution for volume expansion and data backup for selected Synology DiskStation models. The DX513 seamlessly scales up the storage capacity of the DiskStation by additional 5 hard drives on-the-fly when connected directly to an expansion cable. |
Numéro de pièce similaire - DX513V3 |
|
Description similaire - DX513V3 |
|
|
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |