| Moteur de recherche de fiches techniques de composants électroniques |
|
INA2132 Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA2132 Fiches technique(HTML) 9 Page - Texas Instruments |
|
9 / 19 page ![]() 9 ® INA2132 12 13 3 INA2132 A B 2 V 01 14 10 9 5 6 V 01 – V02 = 2 (V2 – V1) V 02 8 V 2 V 1 FIGURE 8. Differential Output Difference Amplifier. FIGURE 10. Precision Instrumentation Amplifier. 12 13 3 INA2132 2 V 01 14 10 9 5 6 V 01 = (V3 – V2) + 8 V 3 V LS Level-Shift Voltage Reference V 2 V LS 2 A B FIGURE 9. Precision Level Shifter. 12 (10) 13 (9) 14 (8) 3 (5) INA2132 2 (6) V 1 V O A 2 A 1 R 2 R 2 R 1 –In V 2 +In V O = (1 + 2R2 /R1) (V2 –V1) The INA2132 can be combined with op amps to form a complete instrumentation amplifier with specialized performance characteristics. Burr-Brown offers many complete high performance IAs. Products with similar performances are shown below. OPA227 Low Noise INA103 OPA129 Ultra-Low Bias Current (fA) INA116 OPA2277 Low Offset Drift, Low Noise INA114, INA128 OPA2130 Low Power, FET-Input (pA) INA121 OPA2234, OPA2241, OPA2244 Single Supply, Precision, Low Power INA122, INA118 OPA2237 Single Supply, Low Power, MSOP-8 INA122, INA126 SIMILAR COMPLETE A 1, A2 FEATURES BURR-BR0WN IAs |