Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

61300211121 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce 61300211121
Description  3-phase inverter based on STSPIN32F0251
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

61300211121 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button 61300211121 Datasheet HTML 9Page - STMicroelectronics 61300211121 Datasheet HTML 10Page - STMicroelectronics 61300211121 Datasheet HTML 11Page - STMicroelectronics 61300211121 Datasheet HTML 12Page - STMicroelectronics 61300211121 Datasheet HTML 13Page - STMicroelectronics 61300211121 Datasheet HTML 14Page - STMicroelectronics 61300211121 Datasheet HTML 15Page - STMicroelectronics 61300211121 Datasheet HTML 16Page - STMicroelectronics 61300211121 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
대
EVSPIN32F0251S1
Layout and component placements
Layout and component placements
Figure 5. EVSPIN32F0251S1 - Board functions description
Power
Supply
Warning:
The kit is not electrically isolated from the AC/DC input. The USB interface of the board does not insulate
host computer from high voltage. When the board is supplied at a voltage outside the ELV range, a proper
insulation method such as a USB isolator must be used to operate the board.
DB3976 - Rev 1
)age 13/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21