Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMP Fiches technique(PDF) 7 Page - YAGEO Corporation

No de pièce FMP
Description  METAL FILM RESISTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAGEO [YAGEO Corporation]
Site Internet  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

FMP Fiches technique(HTML) 7 Page - YAGEO Corporation

Back Button FMP Datasheet HTML 3Page - YAGEO Corporation FMP Datasheet HTML 4Page - YAGEO Corporation FMP Datasheet HTML 5Page - YAGEO Corporation FMP Datasheet HTML 6Page - YAGEO Corporation FMP Datasheet HTML 7Page - YAGEO Corporation FMP Datasheet HTML 8Page - YAGEO Corporation FMP Datasheet HTML 9Page - YAGEO Corporation FMP Datasheet HTML 10Page - YAGEO Corporation FMP Datasheet HTML 11Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.yageo.com
Oct. 25, 2021
V.0
Metal Film Resistors
7
16
Product Specification
FMP
Through Hole Resistors
AXIAL / REEL TAPE SPECIFICATION
Unit: mm
Ultra Miniature
a
A
B1-B2 (Max.)
S (spacing)
T (max. deviation of spacing)
FMP-50
6
± 0.5
52.4
± 1.5
1.2
5
0.5 mm per 5 spacing
26.0
± 1.5
1
FMP100
FMP200
6
± 0.5
52.4
± 1.5
1.2
5
FMP3WS
6
± 0.5
73.0
± 1.5
1.5
5
52.4
± 1.5
1.2
FMP300
6
± 0.5
73.0
± 1.5
1.5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16