Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTH4R02RL Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STTH4R02RL
Description  Ultrafast recovery diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4R02RL Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STTH4R02RL Datasheet HTML 5Page - STMicroelectronics STTH4R02RL Datasheet HTML 6Page - STMicroelectronics STTH4R02RL Datasheet HTML 7Page - STMicroelectronics STTH4R02RL Datasheet HTML 8Page - STMicroelectronics STTH4R02RL Datasheet HTML 9Page - STMicroelectronics STTH4R02RL Datasheet HTML 10Page - STMicroelectronics STTH4R02RL Datasheet HTML 11Page - STMicroelectronics STTH4R02RL Datasheet HTML 12Page - STMicroelectronics STTH4R02RL Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package information
STTH4R02
10/13
Figure 19.
SMB footprint (dimensions in mm)
Table 8.
SMB dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
2.90
3.2
0.114
0.126
c
0.15
0.41
0.006
0.016
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
D
5.55
6.25
0.218
0.246
L
0.75
1.60
0.030
0.063
D
E
E1
c
A1
A2
b
L
2.22
1.75
1.75
1.75
5.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13