| Moteur de recherche de fiches techniques de composants électroniques |
|
S29GL01GS Fiches technique(PDF) 95 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
S29GL01GS Fiches technique(HTML) 95 Page - Cypress Semiconductor |
|
95 / 108 page ![]() Document Number: 001-98285 Rev. *R Page 95 of 108 S29GL01GS/S29GL512S S29GL256S/S29GL128S 12.3 56-Ball FBGA 12.3.1 Connection Diagram Figure 12.5 56-ball Fortified Ball Grid Array Notes: 1. Ball G1, Do Not Use (DNU), a device internal signal is connected to the package connector. The connector may be used by Cypress® for test or other purposes and is not intended for connection to any host system signal. Do not use these connections for PCB Signal routing channels. Though not recommended, the ball can be connected to VCC or VSS through a series resistor. 2. Balls E7, F8, and H5, Reserved for Future Use (RFU). 3. Balls A3 and B3, No Connect (NC). 8 7 6 5 4 3 2 1 TOP VIEW Product Pinout 512 Mb & 256 Mb Only A21 A15 A16 A22 VSS RFU/A24 A13 A12 RFU A14 DQ7 DQ15 DQ14 A11 A9 A19 DQ6 A10 DQ12 DQ13 DQ5 A8 A20 RFU/A23 VIO DQ4 RFU WE# RY/BY# RESET# VCC DQ3 DQ11 WP# A18 NC DQ1 A17 DQ10 DQ9 DQ2 NC A5 A6 VSS A4 DQ0 OE# DQ8 A7 A2 A3 A0 A1 DNU CE# AB C D EF G H Supports WP# only, not WP#/ACC 512 Mb Only |