| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8909 Fiches technique(PDF) 8 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8909 Fiches technique(HTML) 8 Page - Cirrus Logic |
|
8 / 363 page ![]() WM8994 8 Rev 4.6 PIN DESCRIPTION A description of each pin on the WM8994 is provided below. Note that a table detailing the associated power domain for every input and output pin is provided on the following page. Note that, where multiple pins share a common name, these pins should be tied together on the PCB. PIN NO NAME TYPE DESCRIPTION F2 ADCDAT1 Digital Output Audio interface 1 ADC digital audio data G3 ADCLRCLK1/ GPIO1 Digital Input / Output Audio interface 1 ADC left / right clock / General Purpose pin GPIO 1/ Control interface data output D6, E7, E8 AGND Supply Analogue ground (Return path for AVDD1, AVDD2 and LDO1VDD) D9 AVDD1 Supply / Analogue Output Analogue core supply / LDO1 Output D8 AVDD2 Supply Bandgap reference, analogue class D and FLL supply G1 BCLK1 Digital Input / Output Audio interface 1 bit clock A4 CIFMODE Digital Input Selects 2-wire or 3/4-wire control interface mode G8 CPCA Analogue Output Charge pump fly-back capacitor pin H8 CPCB Analogue Output Charge pump fly-back capacitor pin H9 CPGND Supply Charge pump ground (Return path for CPVDD) G9 CPVDD Supply Charge pump supply H7 CPVOUTN Analogue Output Charge pump negative supply decoupling pin (HPOUT1L, HPOUT1R) G7 CPVOUTP Analogue Output Charge pump positive supply decoupling pin (HPOUT1L, HPOUT1R) G2 CS ¯¯ /ADDR Digital Input 3-/4-wire (SPI) chip select or 2-wire (I2C) address select E4 DACDAT1 Digital Input Audio interface 1 DAC digital audio data D2 DBVDD Supply Digital buffer (I/O) supply F1 DCVDD Supply / Analogue Output Digital core supply / LDO2 output E2 DGND Supply Digital ground (Return path for DCVDD, DBVDD and LDO2VDD) C6 DMICCLK Digital Output Digital MIC clock output E1 GPIO2/ MCLK2 Digital Input General Purpose pin GPI 2 / Master clock 2 H2 GPIO3/ BCLK2 Digital Input / Output General Purpose pin GPIO 3 / Audio interface 2 bit clock F4 GPIO4/ LRCLK2 Digital Input / Output General Purpose pin GPIO 4 / Audio interface 2 left / right clock H3 GPIO5/ DACDAT2 Digital Input / Output General Purpose pin GPIO 5 / Audio interface 2 DAC digital audio data G4 GPIO6/ ADCLRCLK2 Digital Input / Output General Purpose pin GPIO 6 / Audio interface 2 ADC left / right clock E5 GPIO7/ ADCDAT2 Digital Input / Output General Purpose pin GPIO 7 / Audio interface 2 ADC digital audio data H4 GPIO8/ DACDAT3 Digital Input / Output General Purpose pin GPIO 8 / Audio interface 3 DAC digital audio data F5 GPIO9/ ADCDAT3 Digital Input / Output General Purpose pin GPIO 9 / Audio interface 3 ADC digital audio data H5 GPIO10/ LRCLK3 Digital Input / Output General Purpose pin GPIO 10 / Audio interface 3 left / right clock F6 GPIO11/ BCLK3 Digital Input / Output General Purpose pin GPIO 11 / Audio interface 3 bit clock F7 HP2GND Supply Analogue ground G5 HPOUT1FB Analogue Input HPOUT1L and HPOUT1R ground loop noise rejection feedback H6 HPOUT1L Analogue Output Left headphone output |