Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VDP024DW Fiches technique(PDF) 2 Page - Infinite Electronics International, Inc.

No de pièce VDP024DW
Description  HyperLink Brand Weatherproof PTZ Camera Lightning and Surge Protector Model: AL-VDP Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  L-COM [Infinite Electronics International, Inc.]
Site Internet  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

VDP024DW Fiches technique(HTML) 2 Page - Infinite Electronics International, Inc.

  VDP024DW Datasheet HTML 1Page - Infinite Electronics International, Inc. VDP024DW Datasheet HTML 2Page - Infinite Electronics International, Inc. VDP024DW Datasheet HTML 3Page - Infinite Electronics International, Inc. VDP024DW Datasheet HTML 4Page - Infinite Electronics International, Inc. VDP024DW Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
spike that single stage gas tube protectors let leak through. The diode array’s low capacitance assures that the
protector will not degrade the high-speed signals. The RS-485 control line is connected to the protector via its
screw terminal blocks. The terminal blocks are removable to ease wiring.
AC and DC Power Lines
The PTZ camera’s power lines are also protected using a 3-stage design. This provides superior protection from
transients and surges. The first stage is comprised of a differential gas discharge tube. Stage two is a pair of
suppression coils and the final stage is a 5000 Watt uni-polar Transient Voltage Suppression (TVS) Diode used on
the AL-VDP DC models. For AL-VDP AC models, a Metal Oxide Varistor (MOV) is used. Power lines are connected
to the protector via high current rated screw terminals.
Weatherproof Design
These units feature a weatherproof ABS enclosure with gasketed cover and concealed mounting holes. Water tight
cable glands provide entry and exit points for cables. A ground clamp on the enclosure’s exterior provides a tie
point for earth ground.
Model Shown: AL-VDP112DW



Html Pages

1 2 3 4 5