Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D13 Fiches technique(PDF) 3 Page - TT Electronics.

No de pièce D13
Description  Single-In-Line Conformal Coated Diode Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

D13 Fiches technique(HTML) 3 Page - TT Electronics.

  D13 Datasheet HTML 1Page - TT Electronics. D13 Datasheet HTML 2Page - TT Electronics. D13 Datasheet HTML 3Page - TT Electronics. D13 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Single-In-Line Conformal Coated Diode
Array
D Series
05.21
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Single-In-Line Conformal
Coated Diode Array
D Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
02.14
Outline Dimensions (Inch/mm)
Typical Part Marking
4.0 Max.
OBSOLETE (D10, D11, D12, D13, D14 ONLY)



Html Pages

1 2 3 4