| Moteur de recherche de fiches techniques de composants électroniques |
|
D11 Fiches technique(PDF) 2 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
D11 Fiches technique(HTML) 2 Page - TT Electronics. |
|
2 / 4 page ![]() Single-In-Line Conformal Coated Diode Array D Series 05.21 General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. © TT Electronics plc www.ttelectronics.com/resistors BI Technologies IRC Welwyn Single-In-Line Conformal Coated Diode Array D Series www.bitechnologies.com www.irctt.com www.welwyn-tt.com General Note TT electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT electronics’ own data and is considered accurate at time of going to print. © TT electronics plc 02.14 Specification Circuit Type Polarity “A” Polarity “C” 1 N = 4 to 14 2 N = 3 to 13 (Odd #) 3 N = 4 to 14 (Even #) 5 N = 4 to 14 OBSOLETE (D10, D11, D12, D13, D14 ONLY) |