Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDX4ACT283 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce CDX4ACT283
Description  CDx4AC283, CDx4ACT283 4-Bit Binary Fill Adder with Fast Carry
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

CDX4ACT283 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button CDX4ACT283 Datasheet HTML 5Page - Texas Instruments CDX4ACT283 Datasheet HTML 6Page - Texas Instruments CDX4ACT283 Datasheet HTML 7Page - Texas Instruments CDX4ACT283 Datasheet HTML 8Page - Texas Instruments CDX4ACT283 Datasheet HTML 9Page - Texas Instruments CDX4ACT283 Datasheet HTML 10Page - Texas Instruments CDX4ACT283 Datasheet HTML 11Page - Texas Instruments CDX4ACT283 Datasheet HTML 12Page - Texas Instruments CDX4ACT283 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
6 Detailed Description
6.1 Overview
The ’AC283 and ’ACT283 4-bit binary adders with fast carry that utilize Advanced CMOS Logic technology.
These devices add two 4-bit binary numbers and generate a carryout bit if the sum exceeds 15.
Because of the symmetry of the add function, this device can be used with either all active-HIGH operands
(positive logic) or with all active-LOW operands (negative logic). When using positive logic, the carry-in input
must be tied LOW if there is no carry-in.
6.2 Functional Block Diagram
www.ti.com
CD54AC283, CD74AC283, CD54ACT283, CD74ACT283
SCHS251E – NOVEMBER 1998 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: CD54AC283 CD74AC283 CD54ACT283 CD74ACT283



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13