| Moteur de recherche de fiches techniques de composants électroniques |
|
BUF04701AIPWR Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
BUF04701AIPWR Fiches technique(HTML) 1 Page - Texas Instruments |
|
1 / 14 page ![]() www.ti.com PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright © 2001-2004, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. All trademarks are the property of their respective owners. BUF04701 SBOS214B – SEPTEMBER 2001 – REVISED JULY 2004 DESCRIPTION The BUF04701 is a 4-channel, low-power, high-voltage rail- to-rail input/output buffer. Operating on supplies ranging from 3.5V to 12V ( ±1.75V to ±6V), the BUF04701 has a 3dB bandwidth of 8MHz with a slew rate of 10V/ µs, and requires only 1.1mA quiescent current. The BUF04701 features rail- to-rail input and output capability, giving maximum dynamic range at any supply voltage. Featuring fast slewing and settling times, as well as a high output drive, the BUF04701 is ideal for use as a voltage reference buffer in Thin Film Transistor Liquid Crystal Dis- plays (TFT-LCDs). The BUF04701 is available in an MSOP-10 package, provid- ing the smallest footprint and thinnest package option avail- able, as well as the TSSOP-14 package with a pinout that corresponds to standard quad op amps. This makes it easy to replace quad op amps in existing LCD displays with the low cost BUF04701, without changing the layout. The BUF04701 operates over a temperature range of –40 °C to +125°C. FEATURES q UNITY GAIN BUFFER q RAIL-TO-RAIL INPUT/OUTPUT q WIDE BANDWIDTH: 8MHz q HIGH SLEW RATE: 10V/ µs q LOW QUIESCENT CURRENT: 1.1mA q TINY PACKAGE: MSOP-10, TSSOP-14 4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER APPLICATIONS q TFT-LCD REFERENCE DRIVERS q NOTEBOOKS q ELECTRONIC GAMES q ELECTRONIC BOOKS q PERSONAL COMMUNICATION DEVICES q PDA q ACTIVE FILTERS q ADC/DAC BUFFER 1 2 3 4 5 10 9 8 7 6 Out D In D –V In C Out C Out A In A +V In B Out B MSOP-10 (DGS) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 Out D NC(1) In D –V In C NC(1) Out C Out A NC(1) In A +V In B NC(1) Out B TSSOP-14 (PW) AC BD BUF04701 RELATED PRODUCTS FEATURES PRODUCT 1.2 MHz BW, 3.3mA IQ BUF11702 7MHz GBW, 1.5mA IQ, VS 3.5 - 12 OPA4743 5.9MHz GBW, 4.5mA IQ, VS = 4V - 44V TLE2144/2 10MHz GBW, 2.5mA IQ, 16V/µs SR TLC084 NOTE: (1) NC Means No Internal Connection ® 0470 1A |
Numéro de pièce similaire - BUF04701AIPWR |
|
Description similaire - BUF04701AIPWR |