Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPB618 Fiches technique(PDF) 4 Page - TT Electronics.

No de pièce OPB618
Description  Photologic® Slotted Optical Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB618 Fiches technique(HTML) 4 Page - TT Electronics.

  OPB618 Datasheet HTML 1Page - TT Electronics. OPB618 Datasheet HTML 2Page - TT Electronics. OPB618 Datasheet HTML 3Page - TT Electronics. OPB618 Datasheet HTML 4Page - TT Electronics. OPB618 Datasheet HTML 5Page - TT Electronics. OPB618 Datasheet HTML 6Page - TT Electronics. OPB618 Datasheet HTML 7Page - TT Electronics. OPB618 Datasheet HTML 8Page - TT Electronics. OPB618 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Photologic® Slotted Optical Switch
OPB615, OPB616, OPB618 Series
OPB625, OPB626, OPB627, OPB628 Series
OPB665N, OPB666N, OPB667N Series
Rev C
05/2022
Page 4
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
OPB665N, OPB666N, OPB667N
Pin Color/
Number
Description
1
Anode
2
Cathode
3
VCC
4
Output
5
Ground
DIMENSIONS ARE IN:
INCHES
[MILLIMETERS]



Html Pages

1 2 3 4 5 6 7 8 9