Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBRF560CT Fiches technique(PDF) 2 Page - KEC(Korea Electronics)

No de pièce MBRF560CT
Description  SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MBRF560CT Fiches technique(HTML) 2 Page - KEC(Korea Electronics)

  MBRF560CT Datasheet HTML 1Page - KEC(Korea Electronics) MBRF560CT Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 7. 10
2/2
MBRF560CT
Revision No : 0
AMBIENT TEMPERATURE T
( C)
A
CURRENT DERATING (AMBIENT)
CASE TEMPERATURE Tc ( C)
CURRENT DERATING (CASE)
AVERAGE FORWARD CURRENT I
(A)
F(AV)
F(AV)
F(AV)
P
- I
REVERSE VOLTAGE V
(V)
R
I
- V
I
- V
F
FORWARD VOLTAGE V
(V)
FF
RR
0
0
0
0
0
0.001
0
80
10
0.01
0.1
1.0
10
100
100
1.0
RATED VOLTAGE
R
=4.0 C/W
th(j-c)
DC
180
SQUARE WAVE
APPLIED
40
80
120
160
RATED VOLTAGE APPLIED
R
=60 C/W
th(j-a)
(NO HEAT SINK)
DC
180
SQUARE WAVE
2.0
4.0
6.0
8.0
2.0
4.0
10
180
SQUARE WAVE
DC
I AV
= 20
PK
I
6.0
8.0
0
0.1
0.3
0.5
1.0
3.0
5.0
1.0
0.2
0.4
0.6
0.8
1.0
20
30
40
50
60
110
120
130
140
150
90
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.5
20
60
100
140
1.0
1.5
2.0
2.5
3.0
3.5
4.0
SINE
W
AVE
10
5
T
j=25 C
T =25 C
j
T =100 C
j
T =150 C
j



Html Pages

1 2