| Moteur de recherche de fiches techniques de composants électroniques |
|
COMPACT-MINI Fiches technique(PDF) 3 Page - Coherent Corp |
|
|
|||||||||||||||||||||||||||||
COMPACT-MINI Fiches technique(HTML) 3 Page - Coherent Corp |
|
3 / 4 page ![]() AVAILABLE ACCESSORIES1 Compact Mini Series Industrial High Power Diode Laser COLLIMATORS Collimators are available in different focal lengths for SMA and QBH fiber connectors. FIXED OPTICS The processing head with fixed spot size is used for soldering or contour welding. Different focal length allow a wide variation of spot sizes to meet the requirements of the application. OPTICS FOR RADIAL WELDING The processing head enables simul-taneous welding of a symmetrical radial component without rotating the part or optics. The envelope and optical performance can be optimized to the specific welding geometry. LINE OPTICS Used for applications requiring a rectangular or square spot. Cus-tomized optical layouts allow a wide variation of different focus. 1 All processing heads are available with SMA or QBH fiber connector. |