Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

COMPACT-EVOLUTION Fiches technique(PDF) 3 Page - Coherent Corp

No de pièce COMPACT-EVOLUTION
Description  Industrial High Power Diode Laser
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COHERENT [Coherent Corp]
Site Internet  https://www.coherent.com/
Logo COHERENT - Coherent Corp

COMPACT-EVOLUTION Fiches technique(HTML) 3 Page - Coherent Corp

  COMPACT-EVOLUTION Datasheet HTML 1Page - Coherent Corp COMPACT-EVOLUTION Datasheet HTML 2Page - Coherent Corp COMPACT-EVOLUTION Datasheet HTML 3Page - Coherent Corp COMPACT-EVOLUTION Datasheet HTML 4Page - Coherent Corp COMPACT-EVOLUTION Datasheet HTML 5Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AVAILABLE ACCESSORIES1
COLLIMATORS
The collimator is optimized to the requirements of Compact Series diode laser optical specifica-
tions: It is available with different collimating focal length for SMA and QBH fiber connector.
FIXED OPTICS
The processing head with fixed spot size is used for soldering or contour welding. Different focal
length allow a wide variation of spot sizes to meet the requirements of the application.
FIXED OPTICS WITH INTE GRATED PYROMETER
The processing head with integrated pyrometer is used for non-contact measuring of the work
piece temperature and enables closed loop temperature control. A powerful software package
allows processes documentation and optimization.
S CANNER OPTICS
Scanner optics is used for quasi-simultaneous welding. A broad variation of spot sizes and scan-
ning fields are available to meet the requirements of the application.
S CANNER OPTICS WITH INTE GRATED PYROMETER
The processing head enables quasi-simultaneous welding with the advantage of closed loop
temperature control.
1 All processing heads are available with SMA or QBH fiber connector.
Compact Evolution XL Series
Industrial High Power Diode Laser



Html Pages

1 2 3 4 5