| Moteur de recherche de fiches techniques de composants électroniques |
|
XHS35F-87-R1-FS-EPROGAB Fiches technique(PDF) 7 Page - Sensata Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
XHS35F-87-R1-FS-EPROGAB Fiches technique(HTML) 7 Page - Sensata Technologies, Inc. |
|
7 / 8 page ![]() Page 7 Copyright © 2024 Sensata Technologies, Inc. www.sensata.com AGENCY APPROVALS & CERTIFICATIONS Harardous Area Ratings Agency Ratings and Markings File Number Blank CE EN 55011: Electromagnetic Disturbance (EMI) EN 61000-6-2: Electromagnetic Compatibility (EMC) - EX Intrinsically Safe UL Class I, Groups A, B, C, D Class II, Groups E, F, G E78446 DEMKO Ex II 1 G Ex ia IIC T4 Ga (9V/O is II 1 G Ex ia IIB T4 Ga) DEMKO 24 ATEX Pending IEC/IECEx Ex ia IIC T4 Ga (9V/O is Ex ia IIB T4 Ga) -40°C ≤ Ta ≤ +85°C IECEx UL Pending NI Non-Incendive UL Class I, Div. 2, Groups A, B, C, D Class II, Div. 2, Groups F, G E78446 DEMKO Ex II 3 G Ex ec IIC T3 Gc DEMKO 24 ATEX Pending IEC/IECEx Ex ec IIC T3 Gc -40°C ≤ Ta ≤ +85°C IECEx UL Pending |