| Moteur de recherche de fiches techniques de composants électroniques |
|
2N5657 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2N5657 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 5 page ![]() 2N5657 SILICON NPN TRANSISTOR s SGS-THOMSON PREFERRED SALESTYPE s NPN TRANSISTOR DESCRIPTION The 2N5657 is a silicon epitaxial-base NPN transistor in Jedec SOT-32 plastic package. It is intended for use output amplifiers, low current, high voltage converters and AC line relays. INTERNAL SCHEMATIC DIAGRAM June 1997 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Val ue Uni t VCBO Collect or-Base Voltage (IE = 0) 375 V VCEO Collect or-Emitt er Voltage (IB = 0) 350 V VEBO Emitt er-Base Voltage (IC =0) 6 V IC Collect or Current 0.5 A ICM Collect or Peak Current 1 A IB Base Current 0. 25 A Ptot Total Dissipation at Tc ≤ 25 oC20 W Tstg St orage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC 3 2 1 SOT-32 1/5 |
Numéro de pièce similaire - 2N5657 |
|
Description similaire - 2N5657 |