Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7802PD Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce TDA7802PD
Description  High efficiency digital input quad power amplifier with built-in diagnostics features, ’start stop’ compatible
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7802PD Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button TDA7802PD Datasheet HTML 2Page - STMicroelectronics TDA7802PD Datasheet HTML 3Page - STMicroelectronics TDA7802PD Datasheet HTML 4Page - STMicroelectronics TDA7802PD Datasheet HTML 5Page - STMicroelectronics TDA7802PD Datasheet HTML 6Page - STMicroelectronics TDA7802PD Datasheet HTML 7Page - STMicroelectronics TDA7802PD Datasheet HTML 8Page - STMicroelectronics TDA7802PD Datasheet HTML 9Page - STMicroelectronics TDA7802PD Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Package information
TDA7802
6/10
DocID025017 Rev 4
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 3. PowerSO36 (slug up) mechanical data and package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10