Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM35 Fiches technique(PDF) 2 Page - SYC Electronica

No de pièce LM35
Description  Precision Centigrade Temperature Sensors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYC [SYC Electronica]
Site Internet  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM35 Fiches technique(HTML) 2 Page - SYC Electronica

  LM35 Datasheet HTML 1Page - SYC Electronica LM35 Datasheet HTML 2Page - SYC Electronica LM35 Datasheet HTML 3Page - SYC Electronica LM35 Datasheet HTML 4Page - SYC Electronica LM35 Datasheet HTML 5Page - SYC Electronica LM35 Datasheet HTML 6Page - SYC Electronica LM35 Datasheet HTML 7Page - SYC Electronica LM35 Datasheet HTML 8Page - SYC Electronica LM35 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Connection Diagrams
TO-46
Metal Can Package*
DS005516-1
*Case is connected to negative pin (GND)
Order Number LM35H, LM35AH, LM35CH, LM35CAH or
LM35DH
See NS Package Number H03H
TO-92
Plastic Package
DS005516-2
Order Number LM35CZ,
LM35CAZ or LM35DZ
See NS Package Number Z03A
SO-8
Small Outline Molded Package
DS005516-21
N.C. = No Connection
Top View
Order Number LM35DM
See NS Package Number M08A
TO-220
Plastic Package*
DS005516-24
*Tab is connected to the negative pin (GND).
Note:
The LM35DT pinout is different than the discontinued LM35DP.
Order Number LM35DT
See NS Package Number TA03F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13