| Moteur de recherche de fiches techniques de composants électroniques |
|
TBD Fiches technique(PDF) 69 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
TBD Fiches technique(HTML) 69 Page - Freescale Semiconductor, Inc |
|
69 / 80 page ![]() Hardware Design Considerations MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6 Freescale Semiconductor 69 3.4.3 M3 Memory Related Pins SRIO_TXDx NC SRIO_TXDx NC VDDRIOPLL in use GNDRIOPLL in use GNDSXP GNDSXP GNDSXC GNDSXC VDDSXP 1.0 V VDDSXC 1.0 V Note: The x indicates the lane number {0,1,2,3} for all unused lanes. Table 61. Connectivity of M3 Related Pins When M3 Memory Is Not Used Signal Name Pin Connection M3_RESET NC V25M3 GND VDDM3 GND VDDM3IO GND Table 60. Connectivity of Serial RapidIO Related Pins When Specific Lane Is Not Used (continued) Signal Name Pin Connection |