Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF520 Fiches technique(PDF) 7 Page - SYC Electronica

No de pièce IRF520
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYC [SYC Electronica]
Site Internet  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

IRF520 Fiches technique(HTML) 7 Page - SYC Electronica

  IRF520 Datasheet HTML 1Page - SYC Electronica IRF520 Datasheet HTML 2Page - SYC Electronica IRF520 Datasheet HTML 3Page - SYC Electronica IRF520 Datasheet HTML 4Page - SYC Electronica IRF520 Datasheet HTML 5Page - SYC Electronica IRF520 Datasheet HTML 6Page - SYC Electronica IRF520 Datasheet HTML 7Page - SYC Electronica IRF520 Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
L6
L7
L2
Dia.
L5
L4
L9
TO-220 MECHANICAL DATA
P011C
IRF520/FI



Html Pages

1 2 3 4 5 6 7 8