Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT12E Fiches technique(PDF) 2 Page - SYC Electronica

No de pièce HT12E
Description  2 Series of Encoders
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYC [SYC Electronica]
Site Internet  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT12E Fiches technique(HTML) 2 Page - SYC Electronica

  HT12E Datasheet HTML 1Page - SYC Electronica HT12E Datasheet HTML 2Page - SYC Electronica HT12E Datasheet HTML 3Page - SYC Electronica HT12E Datasheet HTML 4Page - SYC Electronica HT12E Datasheet HTML 5Page - SYC Electronica HT12E Datasheet HTML 6Page - SYC Electronica HT12E Datasheet HTML 7Page - SYC Electronica HT12E Datasheet HTML 8Page - SYC Electronica HT12E Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Block Diagram
TE trigger
HT12E
DATA trigger
HT12A
Note: The address data pins are available in various combinations (refer to the address/data table).
HT12A/HT12E
O s c illa t o r
¸ 3 D i v i der
OS C 1
OS C 2
VD D
V S S
1 2 T r a n sm i ssi o n
G a t e C ir c u it
¸ 12 C o u n t e r &
1 of 12 D e c o d e r
B i n a r y D et ec t o r
TE
A0
A7
DO UT
D a t a S el ec t
& B u f f e r
Sy n c .
Ci r c u i t
AD 8
A D 1 1
O s c i l l at or
¸ 576 D i v i der
VD D
VS S
1 2 T r a n sm i ssi o n
G a t e C ir c u it
¸ 12 C o u n t e r &
1 of 12 D e c o d e r
B i n a r y D et ec t o r
DO UT
D a t a S el ec t
& B u f f e r
Sy n c .
Ci r c u i t
L/ M B
X2
X1
A0
A7
D8
D1 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12