Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FT600Q-B-R Fiches technique(PDF) 22 Page - Future Technology Devices International Ltd.

No de pièce FT600Q-B-R
Description  FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FTDI [Future Technology Devices International Ltd.]
Site Internet  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600Q-B-R Fiches technique(HTML) 22 Page - Future Technology Devices International Ltd.

Back Button FT600Q-B-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 26Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Copyright © Future Technology Devices International Limited
22
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.04
Document No.: FT_001118
Clearance No.: FTDI#424
6
USB Power Configurations
The following sections illustrate possible USB power configurations for the FT60x. The illustrations have
omitted pin numbers for ease of understanding since the pins differ between the FT600Q and FT601Q
package options.
All USB power configurations illustrated apply to both package options for the FT60x devices. Please refer
to Section 3 for the package option pin-out and signal descriptions.
6.1
USB Bus-Powered Configuration
Note: The reference designs here are for USB 3.0 Standard B or Micro-B connectors.
Figure 6.1 Bus-Powered Configuration-3.3V I/O
Figure 6.2 Bus-Powered Configuration-2.5V/1.8V I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33