Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SHT43-ADCB-R3 Fiches technique(PDF) 20 Page - Sensirion AG Switzerland

No de pièce SHT43-ADCB-R3
Description  4th Gen. Relative Humidity and Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSIRION [Sensirion AG Switzerland]
Site Internet  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT43-ADCB-R3 Fiches technique(HTML) 20 Page - Sensirion AG Switzerland

Back Button SHT43-ADCB-R3 Datasheet HTML 16Page - Sensirion AG Switzerland SHT43-ADCB-R3 Datasheet HTML 17Page - Sensirion AG Switzerland SHT43-ADCB-R3 Datasheet HTML 18Page - Sensirion AG Switzerland SHT43-ADCB-R3 Datasheet HTML 19Page - Sensirion AG Switzerland SHT43-ADCB-R3 Datasheet HTML 20Page - Sensirion AG Switzerland SHT43-ADCB-R3 Datasheet HTML 21Page - Sensirion AG Switzerland SHT43-ADCB-R3 Datasheet HTML 22Page - Sensirion AG Switzerland SHT43-ADCB-R3 Datasheet HTML 23Page - Sensirion AG Switzerland SHT43-ADCB-R3 Datasheet HTML 24Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
www.sensirion.com / D1
Version 7.1 – March 2025
20 / 24
9
Nomenclature
Position
Value(s)
Explanation
1
S
Sensirion
2
H
Humidity Signal
3
T
Temperature Signal
4
4
Fourth product generation
5
0
1
5
3
Base accuracy
Intermediate accuracy
Best accuracy
ISO17025 certified
6
-
delimiter
7
A
B
C
I2C interface with 0x44 address
I2C interface with 0x45 address
I2C interface with 0x46 address
8
D
DFN package
9
1
C
Reserved
3-point calibrated and certified
10
B
Blank package
F
Package with integrated, patented PTFE membrane
P
Package with removable protective cover
11
-
delimiter
12
R
Tape on reel packaging
13
2
3
Packaging article contains 2’500 pieces
Packaging article contains 10’000 pieces
Table 11. SHT4x product nomenclature. For ordering information, kindly refer to Table 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24