Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SHT41A-AWSB-R3 Fiches technique(PDF) 15 Page - Sensirion AG Switzerland

No de pièce SHT41A-AWSB-R3
Description  4th Generation, ASIL-A(C) Safety Element out of Context, High-Accuracy, Automotive-Grade Relative Humidity and Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSIRION [Sensirion AG Switzerland]
Site Internet  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT41A-AWSB-R3 Fiches technique(HTML) 15 Page - Sensirion AG Switzerland

Back Button SHT41A-AWSB-R3 Datasheet HTML 11Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 12Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 13Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 14Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 15Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 16Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 17Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 18Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 19Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
www.sensirion.com / D1
Version 1.0 – May 2025
15 / 22
6.2 Package Outline
Figure 6. Dimensional drawing of SHT41A-AWSB with wettable flanks, including package tolerances
(units mm).
6.3 Land Pattern
The land pattern is recommended to be designed according to the used PCB and soldering process together
with the physical outer dimensions of the sensor. For reference, the land pattern used with Sensirion’s PCBs
and soldering processes is given in Figure 10 & Figure 11 for the wettable flanks option. Soldering of the central
die pad, as well as an exposed copper pad underneath it, is not recommended by Sensirion due to it acting as
a heat sink which prevents the heater from functioning according to its specifications.
Figure 7. Recommended land pattern (in mm). Details can vary and depend on used PCBs and solder
processes. There shall be no copper under the sensor other than at the pin pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22