Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N4014 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce 2N4014
Description  HIGH-VOLTAGE, HIGH CURRENT SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N4014 Fiches technique(HTML) 5 Page - STMicroelectronics

  2N4014 Datasheet HTML 1Page - STMicroelectronics 2N4014 Datasheet HTML 2Page - STMicroelectronics 2N4014 Datasheet HTML 3Page - STMicroelectronics 2N4014 Datasheet HTML 4Page - STMicroelectronics 2N4014 Datasheet HTML 5Page - STMicroelectronics 2N4014 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
12.7
0.500
B
0.49
0.019
D
5.3
0.208
E
4.9
0.193
F
5.8
0.228
G
2.54
0.100
H
1.2
0.047
I
1.16
0.045
L45
o
45
o
L
G
I
DA
H
C
TO-18 MECHANICAL DATA
0016043
2N4014
5/6



Html Pages

1 2 3 4 5 6