Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DDC232CK Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce DDC232CK
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

DDC232CK Fiches technique(HTML) 6 Page - Texas Instruments

Back Button DDC232CK Datasheet HTML 2Page - Texas Instruments DDC232CK Datasheet HTML 3Page - Texas Instruments DDC232CK Datasheet HTML 4Page - Texas Instruments DDC232CK Datasheet HTML 5Page - Texas Instruments DDC232CK Datasheet HTML 6Page - Texas Instruments DDC232CK Datasheet HTML 7Page - Texas Instruments DDC232CK Datasheet HTML 8Page - Texas Instruments DDC232CK Datasheet HTML 9Page - Texas Instruments DDC232CK Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
100
0
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
200
300
400
500
600
700
800
900 1000
C
(pF)
SENSOR
Range1
Range2
Range7
DDC232
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, unless otherwise indicated.
NOISE vs CSENSOR
Figure 1.
Table 1. NOISE vs CSENSOR (ppm of FSR, rms)
NOISE (ppm of FSR, rms)
CSENSOR
(pF)
Range 0
Range 1
Range 2
Range 3
Range 4
Range 5
Range 6
Range 7
0
27
9.1
6.3
5.5
5.2
5
4.9
4.8
22
38
12
7.9
6.5
5.8
5.5
5.3
5.1
47
51
15
9.8
7.7
6.7
6.1
5.8
5.5
68
59
18
11
8.5
7.3
6.6
6.1
5.8
100
74
22
13
9.9
8.3
7.4
6.8
6.3
150
100
29
16
12
10
8.7
7.8
7.2
330
180
50
27
19
15
13
11
10
470
250
67
36
25
19
16
14
12
1000
520
130
57
49
37
30
26
22
Table 2. NOISE vs CSENSOR (fC, rms)
NOISE (fC, rms)
CSENSOR
(pF)
Range 0
Range 1
Range 2
Range 3
Range 4
Range 5
Range 6
Range 7
0
0.34
0.46
0.63
0.83
1.04
1.25
1.47
1.68
22
0.48
0.60
0.79
0.98
1.16
1.38
1.59
1.79
47
0.64
0.75
0.98
1.16
1.34
1.53
1.74
1.93
68
0.74
0.90
1.10
1.28
1.46
1.65
1.83
2.03
100
0.93
1.10
1.30
1.49
1.66
1.85
2.04
2.21
150
1.25
1.45
1.60
1.80
2.00
2.18
2.34
2.52
330
2.25
2.50
2.70
2.85
3.00
3.25
3.30
3.50
470
3.13
3.35
3.60
3.75
3.80
4.00
4.20
4.20
1000
6.50
6.50
5.70
7.35
7.40
7.50
7.80
7.70
Table 3. NOISE vs CSENSOR (electrons, rms)
NOISE (electrons, rms)
CSENSOR
(pF)
Range 0
Range 1
Range 2
Range 3
Range 4
Range 5
Range 6
Range 7
0
2100
2840
3930
5140
6490
7800
9170
10400
22
2960
3740
4930
6080
7240
8580
9920
11100
47
3970
4680
6110
7200
8360
9510
10800
12000
68
4600
5610
6860
7950
9110
10200
11400
12600
100
5770
6860
8110
9260
10300
11500
12700
13700
150
7800
9050
9980
11200
12400
13500
14600
15700
330
14000
15600
16800
17700
18700
20200
20500
21800
470
19500
20900
22400
23400
23700
24900
26200
26200
1000
40500
40500
35500
45800
46100
46800
48600
48000
6
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): DDC232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35