Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP738376SIMF Fiches technique(PDF) 22 Page - Microchip Technology

No de pièce MCP738376SIMF
Description  Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP738376SIMF Fiches technique(HTML) 22 Page - Microchip Technology

Back Button MCP738376SIMF Datasheet HTML 18Page - Microchip Technology MCP738376SIMF Datasheet HTML 19Page - Microchip Technology MCP738376SIMF Datasheet HTML 20Page - Microchip Technology MCP738376SIMF Datasheet HTML 21Page - Microchip Technology MCP738376SIMF Datasheet HTML 22Page - Microchip Technology MCP738376SIMF Datasheet HTML 23Page - Microchip Technology MCP738376SIMF Datasheet HTML 24Page - Microchip Technology MCP738376SIMF Datasheet HTML 25Page - Microchip Technology MCP738376SIMF Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
MCP73837/8
DS22071A-page 22
© 2007 Microchip Technology Inc.
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
1
2
3
4
56
7
8
9
10
10-Lead DFN
10-Lead MSOP * *
Example:
XXXXXX
YWWNNN
837FCI
748256
Example:
XXXX
XYWW
NNN
1
2
3
4
56
7
8
9
10
BABA
0748
256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Part Number *
Marking
Code
Part Number *
Marking
Code
MCP73837-FCI/MF
BABA
MCP73837T-FCI/MF
BABA
MCP73837-FJI/MF
BABB
MCP73837T-FJI/MF
BABB
MCP73837-NVI/MF
BABC
MCP73837T-NVI/MF
BABC
MCP73838-FCI/MF
BACA
MCP73838T-FCI/MF
BACA
MCP73838-FJI/MF
BACB
MCP73838T-FJI/MF
BACB
MCP73838-NVI/MF
BACC
MCP73838T-NVI/MF
BACC
* Consult Factory for Alternative Device Options.
Part Number *
Marking
Code
Part Number *
Marking
Code
MCP73837-FCI/UN
837FCI
MCP73837T-FCI/UN
837FCI
MCP73837-FJI/UN
837FJI
MCP73837T-FJI/UN
837FJI
MCP73837-NVI/UN
837NVI
MCP73837T-NVI/UN
837NVI
MCP73838-FCI/UN
838FCI
MCP73838T-FCI/UN
838FCI
MCP73838-FJI/UN
838FJI
MCP73838T-FJII/UN
838FJI
MCP73838-NVI/UN
838NVI
MCP73838T-NVI/UN
838NVI
* Consult Factory for Alternative Device Options.
* * Consult Factory for MSOP Package Availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30