Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

93C46CE/MS Fiches technique(PDF) 23 Page - Microchip Technology

No de pièce 93C46CE/MS
Description  1K Microwire Compatible Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C46CE/MS Fiches technique(HTML) 23 Page - Microchip Technology

Back Button 93C46CE/MS Datasheet HTML 19Page - Microchip Technology 93C46CE/MS Datasheet HTML 20Page - Microchip Technology 93C46CE/MS Datasheet HTML 21Page - Microchip Technology 93C46CE/MS Datasheet HTML 22Page - Microchip Technology 93C46CE/MS Datasheet HTML 23Page - Microchip Technology 93C46CE/MS Datasheet HTML 24Page - Microchip Technology 93C46CE/MS Datasheet HTML 25Page - Microchip Technology 93C46CE/MS Datasheet HTML 26Page - Microchip Technology 93C46CE/MS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
© 2008 Microchip Technology Inc.
DS21749G-page 23
93AA46A/B/C, 93LC46A/B/C, 93C46A/B/C
APPENDIX A:
REVISION HISTORY
Revision D
Corrections to Section 1.0, Electrical Characteristics.
Section 4.1, 6-Lead SOT-23 package to OT.
Revision E
Added DFN package.
Revision F
Added notes throughout.
Revision G (5/2008)
Revised Figures 2-1 through 2-4 and Figures 2-8
through 2-11; Revised Package Marking Information;
Replaced Package Drawings; Revised Product ID
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30