Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS1815PLUS Fiches technique(PDF) 2 Page - Synology Inc.

No de pièce DS1815PLUS
Description  DiskStation DS1815
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNOLOGY [Synology Inc.]
Site Internet  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS1815PLUS Fiches technique(HTML) 2 Page - Synology Inc.

  DS1815PLUS Datasheet HTML 1Page - Synology Inc. DS1815PLUS Datasheet HTML 2Page - Synology Inc. DS1815PLUS Datasheet HTML 3Page - Synology Inc. DS1815PLUS Datasheet HTML 4Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feature-Rich Business Applications
Put your data to work with Synology’s DS1815+. With Windows ACL
and LDAP support, DS1815+ fits easily into any existing workgroup
environment, providing detailed access control and efficient privilege
settings. SMB applications including printer sharing, VPN Server, Mail
Server
, web server, anti-virus, and network video surveillance, allow a
single Synology DS1815+ to replace several traditional computing
devices and help to maximize your productivity while keeping cost
and effort to a minimum.
Resilient and Reliable
In addition to its superior performance, DS1815+ is built for reliability.
Four Gigabit LAN ports
provide redundancy in the event of unexpected
hardware failure while hot swappable drives also help to minimize
system downtime during drive replacement.
Uninterrupted availability is a critical goal for all businesses; however,
many businesses worldwide still remain unprepared for disaster.
Synology High Availability (SHA)
can ensure a seamless transition
between clustered servers in the event of server failure with minimal
impact to applications, thus decreasing the risk of unexpected
interruptions and costly downtime.
Unparalleled Flexibility
As your data storage needs grow, Synology’s DS1815+ can grow with
you. DS1815+ can be connected to dedicated expansion units for
additional storage on the fly, growing capacity with minimal effort.
When paired with two DX513 expansion units2 through specially
designed eSATA connectors, raw capacity can be as high as 108TB.
Easy Backup Solutions
To protect your critical business data, DS1815+ can become a
centralized backup target for consolidating fragmented and
unstructured information across your network through a range of
options. Synology Hybrid RAID allows you to optimize usage and get the
most out of your hard drives, while also keeping your storage safe with
data redundancy. Complete backup solutions including LUN Snapshot,
LUN clone
and Backup & Replication minimize the impact of disasters.
Energy Efficient Design
Synology DS1815+ is designed with energy efficiency in mind.
Equipped with two 120 X 120 mm fans and a smart airflow design to
keep the system running cool 24/7, while its noise dampening design
makes it much quieter than PC counterparts. Hard drive hibernation
further reduces power consumption and operation costs.
All Synology products are produced with RoHS compliant parts and
packed with recyclable packing materials. Synology acknowledges
the responsibility as a global citizen to continually work to reduce the
environmental impact of every product produced.
Figure 2) Superior Performance
Multiple LAN ports with link
aggregation support allows DS1815+
to deliver superior performance.
Figure 1) Reliability, Availability &
Disaster Recovery
Synology High Availability ensures
seamless transition between clustered
servers in the event of server failure
with minimal impact to businesses.



Html Pages

1 2 3 4