| Moteur de recherche de fiches techniques de composants électroniques |
|
PCC-M0854MS Fiches technique(PDF) 5 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
PCC-M0854MS Fiches technique(HTML) 5 Page - Panasonic Semiconductor |
|
5 / 8 page ![]() Power Choke Coil (Automotive Grade) ● Embossed Carrier Tape Dimensions in mm (not to scale) Unit : mm ● Taping Reel Dimensions in mm (not to scale) Standard Reel Dimensions Unit : mm PCC-M1060MS 500 pcs ETQP6M YSC PCC-M105 □MS/M1060MS 7.5 Serise PCC-M0854MS PCC-M105 □MS W 6.0 0.4 2.0 4.0 1.5 6.35 Component placement (Taping) E Series PCC-M0854MS 8.6 16.0 Should a safety concern arise regarding this product, please be sure to contact us immediately. B C øD 100 13 21 E 21-Feb-25 Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. 1,000 pcs / box (2 reel) ETQP5M YSK ETQP5M ◻◻◻YSC/YTC Standard packing quantity / Reel Part No. Minimum quantity / Packing unit 1.75 0.5 10.65 A 330 Quantity per reel Series PCC-M0854MS PCC-M105 □MS/M1060MS 17.5 2 25.5 12.0 16.0 9.1 11.75 Packaging methods (Taping) t2 B F P1 P2 P0 øD0 A t1 24.0 11.5 W Serise PCC-M0854MS Termin Serise PCC-M105□MS/M1060MS t1 t2 P2 P0 P1 A Tape running direction A E W C øD Series PCC-M1054MS (ETQP5M □□□YTC) (Non- ETQP5M □□□YTC) |