Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24236/2 Fiches technique(PDF) 1 Page - Sensata Technologies, Inc.

No de pièce M24236/2
Description  Extreme Temperature Protection Probe–Type Thermal Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSATA [Sensata Technologies, Inc.]
Site Internet  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

M24236/2 Fiches technique(HTML) 1 Page - Sensata Technologies, Inc.

  M24236/2 Datasheet HTML 1Page - Sensata Technologies, Inc. M24236/2 Datasheet HTML 2Page - Sensata Technologies, Inc. M24236/2 Datasheet HTML 3Page - Sensata Technologies, Inc. M24236/2 Datasheet HTML 4Page - Sensata Technologies, Inc. M24236/2 Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| EXTREME TEMPERATURE SERIES (M24236/2)
Extreme Temperature Protection Probe–Type Thermal Switches
Introduction
Klixon® 11041 (M1) extreme temperature probes are designed to
provide reliable, consistent performance over a long cycle life in the
harshest environments. These probes provide excellent shock and
vibration resistance and have a wide operating temperature range or
-65°F to +550°F. These characteristics enable protection or indication
of extreme high or low temperatures in systems like aircraft hydraulic
systems, aircraft refrigeration systems, constant speed drives, food
processing equipment, and hydraulic systems for military equipment.
PERFORMANCE CHARACTERISTICS
Contact Ratings (Resistive)
Gold Contact Ratings (Resistive)
30 VAC/DC
125 VAC
250 VAC
Life Cycles
5.0 Amperes
2.0 Amperes
1.0 Amperes
100,000
5.5 Amperes
3.0 Amperes
1.5 Amperes
50,000
6.0 Amperes
4.0 Amperes
2.0 Amperes
25,000
6.5 Amperes
5.0 Amperes
2.5 Amperes
10,000
7.0 Amperes
6.0 Amperes
3.0 Amperes
5,000
30 VAC/DC
500 mA and below
115 VAC
200 mA and below
230 VAC
100 mA and below
The standard 11041 (M1) utilizes silver contacts. Gold plated contacts can be furnished to assure reliable circuit switching under low wattage conditions.
(See table below.)
Based on standard differential
Gold-plated contacts are not suitable for higher loads.
Features
• Hermetically Sealed (probe only)
• Snap-action switching
• Pre-set, non-adjustable calibration
• High resistance to shock and vibration
• Qualified to MIL-PRF-24236/2


Numéro de pièce similaire - M24236/2

FabricantNo de pièceFiches techniqueDescription
logo
BELIMO AIRCONTROLS (USA...
M2420-EP BELIMO-M2420-EP Datasheet
222Kb / 1P
3/4?? Replacement Flow Sensor for ePIV Ultrasonic, Transit Time Technology
M2425-EP BELIMO-M2425-EP Datasheet
226Kb / 1P
1?? Replacement Flow Sensor for ePIV Ultrasonic, Transit Time Technology
logo
STMicroelectronics
M24256 STMICROELECTRONICS-M24256 Datasheet
135Kb / 17P
256/128 Kbit Serial I²C Bus EEPROM Without Chip Enable Lines
01-Jun-2001
M24256-A STMICROELECTRONICS-M24256-A Datasheet
176Kb / 20P
256 Kbit Serial I C Bus EEPROM With Two Chip Enable Lines
09-Nov-2001
M24256-A125 STMICROELECTRONICS-M24256-A125 Datasheet
606Kb / 40P
Automotive 256-Kbit serial I²C bus EEPROM with 1 MHz clock
December 2014 Rev 4
More results

Description similaire - M24236/2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
E11 ETC2-E11 Datasheet
73Kb / 4P
Thermal Cutouts Temperature Protection for Electronics
logo
Extech Instruments Corp...
TP200 EXTECH-TP200 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
TP400 EXTECH-TP400 Datasheet
149Kb / 1P
Type K Pipe Clamp Temperature Probe
TP200 EXTECH-TP200_15 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
logo
Turck, Inc.
TP-103A-G18-H1141-L024 TURCK-TP-103A-G18-H1141-L024 Datasheet
152Kb / 1P
Temperature measurement Probe
TP-203A-CF-H1141-L100 TURCK-TP-203A-CF-H1141-L100 Datasheet
188Kb / 2P
Temperature measurement Probe
TP-203A-CF-H1141-L150 TURCK-TP-203A-CF-H1141-L150 Datasheet
188Kb / 2P
Temperature measurement Probe
TP-206A-CF-H1141-L100 TURCK-TP-206A-CF-H1141-L100 Datasheet
275Kb / 2P
Temperature measurement Probe
TP-206A-CF-H1141-L150 TURCK-TP-206A-CF-H1141-L150 Datasheet
275Kb / 2P
Temperature measurement Probe
logo
Shanghai Leiditech Elec...
20N471K LEIDITECH-20N471K Datasheet
469Kb / 4P
Thermal protection type varistor TMOV
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com